Part Number Hot Search : 
1N6533 1H101 C3311 74CBTLV 107M01 74VHC157 T5000780 83N03LT
Product Description
Full Text Search
 

To Download LG-CN3535DIRR-1-T1A-LSA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount led tape and reel ligitek electronics co.,ltd. property of ligitek only pb lead-free parts doc. no : qw0905-lg-cn 3535dirr-1-t1a-lsa rev. : a date : 31 - aug. - 2016 LG-CN3535DIRR-1-T1A-LSA data sheet l dcc
features: 1.top view led. 2. small package with high efficiency 3.soldering methods: ir reflows soldering. 4.rohs compliant 5.pb free applications: 1.ccd camera. 2. infrared applied system color device selection guide: algainp material infrared emitted water clear lens ! ligitek electronics co.,ltd. property of ligitek only part no. LG-CN3535DIRR-1-T1A-LSA page 1/14 part no LG-CN3535DIRR-1-T1A-LSA
ligitek electronics co.,ltd. property of ligitek only part no. LG-CN3535DIRR-1-T1A-LSA page 2/14 product nomenclature abcd title module dimension(hxw) color lg: ligitek cn: ceramics aluminum nitride 3.5 x 3.5mm dirr: infrared (dual junction) efg chip modification test current lens 1: 1 chip in 1 t1a: 1a lsa :lens type lg - cn 3535 dirr - 1 - t1a - lsa ab c def g
ligitek electronics co.,ltd. property of ligitek only note : 1.all dimension are in millimeter tolerance is d 0.2mm unless otherwise noted. 2.specifications are subject to change without notice. note : the tolerances unless mentioned is d 0.1mm,unit=mm. package dimensions recommended soldering pad dimensions page 3/14 part no. LG-CN3535DIRR-1-T1A-LSA 1 2 3 0.5 0.5 3.35 0.55 0.55 1.25 andoe 3 thermal pad (np) 1 2 cathode 3.5 3.5 12 2 1 3 1.3 0.5 0.5 3.3 3.25 0.63 1.54
ligitek electronics co.,ltd. property of ligitek only absolute maximum ratings at ta=25 page 4/14 part no. LG-CN3535DIRR-1-T1A-LSA ratings parameter symbol unit power dissipation pd 4. 1 w dc forward current if 1000 ma reverse current(vr=5v) ir 10 a peak pulse current duty1/10@10khz i fp 2000 ma esd sensitivity hmb 100pf/1.5 k ? 2000 v mm 200pf/0 ? 150 v led junction temperature tj 115 c thermal resistance rth j-s 8c/w operating temperature topr -40 ~ +85 c storage temperature tstg -40 ~ +100 c soldering temperature tp 260 c
ligitek electronics co.,ltd. property of ligitek only page 5/14 part no. LG-CN3535DIRR-1-T1A-LSA note : 1.the forward voltage data did not including 0.1v testing tolerance. 2.the radiant intensity data did not including 15% testing tolerance. typical electrical & optical characteristics (ta=25 ) parameter symbol min. typ. max. unit condition radiant intensity po 170 340 ---- mw/sr if=1a peak emission wavelength p ---- 850 ---- nm if=1a spectral line half width ---- 30 ---- nm if=1a forward voltage vf 2.6 ---- 4.1 v if=1a viewing angle 2 1/2 (x)130 (y)85 deg if=1a
ligitek electronics co.,ltd. property of ligitek only page 6/14 part no. LG-CN3535DIRR-1-T1A-LSA po(mw/sr) at 1a bin code min. max. radiant intensity classification forward voltage classification bin code vf(v) at 1a min. max. 1 2.6 2.9 22.93.2 33.23.5 e1 170 210 e2 210 250 e3 250 300 e4 300 360 e5 360 430 e6 430 520 43.53.8 53.8 4.1
ligitek electronics co.,ltd. property of ligitek only page 7/14 part no. LG-CN3535DIRR-1-T1A-LSA typical electro-optical characteristics curve fig.5 directive radiation x-x y-y fig.1 relative intensity vs. forward current forward current(ma) relative intensity(%) fig.2 forward current vs. ambient temperature forward current(ma) ambient temperature t s (c) 0 0 500 1000 2000 1500 0.5 1.0 1.5 2.0 fig.4 forward voltage vs. forward current forward current(ma) forward voltage(v) 0 1.0 500 1000 2000 1500 20 0 40 60 100 80 200 400 600 1200 800 1000 2.0 3.0 4.0 5.0 6.0 wavelength[nm] fig.3 relative radiant power vs. wavelength relative radiant power 750 900 800 850 0 0.4 0.6 0.8 1.0 0.2
ligitek electronics co.,ltd. property of ligitek only label packing specifications ? note : the tolerances unless mentioned is 0.1mm,angle 0.5. unit=mm. carrier tape dimensions label page8/14 aluminum moist-proof bag part no. description quantity/reel 500 pcs 12.0mm tape,7"reel 0.6 0.8 0.2 0.4 0.8 0.6 0.4 0.2 LG-CN3535DIRR-1-T1A-LSA part no. LG-CN3535DIRR-1-T1A-LSA polarity 4.0 ? 1.5 8 12.00.3 3.80 5.5 9.3 2.0 1.75 0.3 2.3
reel dimensions ligitek electronics co.,ltd. property of ligitek only label explanation page 9/14 vf:2.9-3.2 ligitek electronics co., ltd. pb part : lot : qty(pcs): bin/hue : gs11680168 500 e4 LG-CN3535DIRR-1-T1A-LSA vf : forward voltage bin : radiant intensity classification part no. LG-CN3535DIRR-1-T1A-LSA 16.01.0 60.01.0 13.01.0 13.51.0 1781.5 2.00.5 0.8 0.6 0.4 0.2
ligitek electronics co.,ltd. property of ligitek only box explanation page 10/14 3. 10 inner boxes / carton 4. carton size : l x w x h 58cm x 34cm x 35cm w l h part no. LG-CN3535DIRR-1-T1A-LSA 1. 4 bag / inner box 2. inner box size : l x w x h 23cm x 8.5cm x 26cm l h w
ligitek electronics co.,ltd. property of ligitek only page 11/14 recommended soldering conditions part no. LG-CN3535DIRR-1-T1A-LSA 3.after soldering,do not warp the circuit board. note: 1.reflow soldering should not be done more than two times. 2.when soldering,do not put stress on the leds during heating. 120 sec.max. preheat 180~200c pb-free reflow solder 1~5c/sec 260c max. 10sec.max above 220c 60 sec.max. 1~5c/sec recommended soldering conditions 6c/sec
ligitek electronics co.,ltd. property of ligitek only circuit model b drive method: led is a current operated device, and therefore, require r some kind of current limiting incorporated into the driver circuit. this current limiting typically takes the form of a current limiting resistor placed in series with the led. consider worst case voltage variations than could occur across the current limiting resistor. the forwrd current should not be allowed to change by more t han 40% of its desired value. led (a) recommended circuit. (b) the difference of brightness between led could be f ound due to the vf-if characteristics of led. esd(electrostatic discharge): static electricity or power surge will damage the led. use of a c onductive wrist band or anti-electrosatic glove is recommended when handing these led. all devices, equipment and machinery must be properly grounded. cleaning: use alcohol-based cleaning solvents such as isopropyl alc ohol to clean the led. circuit model a led page 12/14 part no. LG-CN3535DIRR-1-T1A-LSA precautions for use: storage time: 1. calculated shelf life before opening is 12 months at < 30c and < 90% relative humidity (rh) 2. after bag is opened, devices which will be subjected to reflow soldering or other high temperature processes must be a) assemblied within 168 hours in an environment of Q 30c / 60% rh, or b) stored at ambient of 10% rh or less 3. devices are required baking before assembly if: a) humidity indicator card reads >10% (for level 2a -5a) or >60% (for level 2) at ambient temperature 23 5c b) 2.a) or 2.b) doesn't meet 4. if baking is required, devices should be baked for >72 hours at 605c / 5% rh.performing baking only once, and using the baked devices within 72 hours.
environmental test 1.t=260c max. 10sec.max. 2. 6 min ir reflow 1.100c5c ~ -40c5c 30mins / 5mins / 30mins 2.100 cyeles temperature cycling endurance test classification 1.ta=85c 2.rh=85% 3.t=1000hrs(-24hrs,+72hrs) 1.ta=-40c5c 2.t=1000 hrs (-24hrs,+ 72hrs) 1.ta=100c5c ~ - 40c5c 20min/ 10sec / 20min 2.total 100 cycles high temperature high humidity storage test thermal shock test low temperature storage test 1.ta=100c5c 2.t=1000 hrs (-24hrs,+ 72hrs) 1.ta=25c 2.if=1a 3.t=1000 hrs (-24hrs,+ 72hrs) high temperature storage test test item operating life test test condition reliability test: sample size 22 22 22 22 22 22 22 ligitek electronics co.,ltd. property of ligitek only page 13/14 part no. LG-CN3535DIRR-1-T1A-LSA
ligitek electronics co.,ltd. property of ligitek only page 14/14 part no. LG-CN3535DIRR-1-T1A-LSA pleasse follow the guideline to grab leds don't touch lens with the fingers use tweezers to grab led don't apply more than 4n of lens(400g) directly onto the lens don't touch lens with the tweezers lens cleaning in the case where a minimal level of dirt and dust particles can not be guaranteed, a suitable cleaning solution can be applied to the lens surface try a gentle swabbing using a lint-free swab if needed, the use of lint-free swab and isopropyl alcohol used gently removes dirt from the lens don't use other solvents as they may directly react with the led assembly. don't use ultrasonic cleaning that the led will be damaged wrong(x) correct(o)


▲Up To Search▲   

 
Price & Availability of LG-CN3535DIRR-1-T1A-LSA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X